Part Number Hot Search : 
74HC43 PMD16K60 BAT82S NB4N111K ACP112E SK273 C0455A A7291P
Product Description
Full Text Search
 

To Download 2SC4538 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4538 d escription with to-3pml package high voltage ,high speed switching applications switching regulators ultrasonic generators high frequency inverters general purpose power amplifiers pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(tc=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 10 v i c collector current 5 a i b base current 3 a p c collector power dissipation t c =25 80 w t j junction temperature 150  t stg storage temperature -55~150  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction case 1.5 /w fig.1 simplified outline (to-3pml) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4538 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)cbo collector-base breakdown voltage i c =1ma; i e =0 900 v v (br)ceo collector-emitter breakdown voltage i c =10ma; i b =0 800 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 10 v v cesat collector-emitter saturation voltage i c =2a; i b =0.4a 1.0 v v besat base-emitter saturation voltage i c =2a; i b =0.4a 1.5 v i cbo collector cut-off current v cb =900v; i e =0 1.0 ma i ebo emitter cut-off current v eb =10v; i c =0 1.0 ma h fe dc current gain i c =2a ; v ce =5v 10 switching times t on turn-on time 1.0 s t stg storage time 4.0 s t f fall time i c =3a;r l =100 b i b1 =0.6a; i b2 =-1.2a pw = 20s; duty d 2% 0.8 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4538 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC4538


▲Up To Search▲   

 
Price & Availability of 2SC4538

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X